Part Number Hot Search : 
74AC257 N5230A TIHLP N4745 F0515XD 74AUP2G C4928 M1001
Product Description
Full Text Search
 

To Download GRM4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power entry modules with line filter www.schurter.com/pg06 "Lock and shield" mounting, line switch, fuseh. 5x20 mm with/without voltage sel. (series-parallel)
GRM4
Standard- or Medical-Filter
Snap-In Version GRM4: with shield and line filter
C14
70 C
Description
-PanelMount: Snap-InVersionfromrear-side -5Functions: InletProtectionclassI,Lineswitch2-pole,withorwithoutFuseholder forfuse-links5x20mm,withorwithoutvoltageselector,Linefilterin standardandmedicalversion -Onphase-out,notrecommendedfornewdesign
Approvals
-VDELicenseNumber:118913 -ULLicenseNumber:E72928 -CSALicenseNumber:701867
Technical Data
RatingsIEC RatingsUL/CSA LeakageCurrent
AS
0.5-10A@Ta40C/250VAC;50Hz 0.5-10A@Ta40C/125VAC;60Hz standard<0.5mA(250V/60Hz) medical<5A(250V/60Hz) >1.7kVDCbetweenL-N >2.7kVDCbetweenL/N-PE Testvoltage(2sec) -25Cto85C 25/085/21acc.toIEC60068-1 fromfrontsideIP40acc.toIEC60529 Suitableforapplianceswithprotection classIacc.toIEC61140 Quickconnectterminals4.8x0.8mm Solderterminalonrequest Solderterminalsforvoltageselector Snap-in:1.5mm (otheronrequest) Thermoplastic,black,UL94V-0
EReferences Weblinks
GeneralProductInformation Appliance-Inlet/-Outlet Fuseholder RatedPowerAcceptance@ Ta23C PowerAcceptance@Ta> 23C LineSwitch Voltageselector LineFilter MTBF
DielectricStrength
AllowableOperationTemp. ClimaticCategory DegreeofProtection ProtectionClass Terminal
PH
PanelThicknesss Material:Housing
EMC products
OU
Characteristics Other versions on request
-Panelthickness1.0/2/2.5mm(max.) -Fuseholder1-pole -Lineswitch1-pole -Voltageselectorwithothermarking
-Ultra-compactdesign Timesaving"LockandShield"snap-indesignforrear-panelmounting -Allsingleelementsarealreadywired -Fuseholderontheinsideoftheequipmentpreventsaccidentaluseof incorrectfuse-linksbytheuser -Voltageselectorfortwovoltageranges InnovativeEMC-shieldingwithflexiblesteelsegmentsforanexcellent contacttothepanel -Insulationcoverontherear-side -QualifiedforuseinequipmentaccordingIEC/EN60950
Approvals,RoHS,CHINA-RoHS,e-Store,SCHURTER-Stock-Check, Distributor-Stock-Check
T
C14acc.toIEC/EN60320-1, UL498,CSAC22.2no.42(forcold condition)pin-temperature70C,10A, ProtectionclassI 1or2pole,ShocksafecategoryPC2 acc.toIEC60127-6, forfuse-links5x20mm 5x20:2W(1pole)/1.6W(2-pole)per pole Admissiblepoweracceptanceathigherambienttemperatureseederating curves Rockerswitch2-pole,non-illuminated, acc.toIEC61058-1 Technicaldetails optional,jumper,2digits StandardandMedicalVersion,IEC 60939,IEC60601-1,UL1283,UL544, EN133200,CSAC22.2no.8 Technicaldetails >1'400'000hacc.toMIL-HB-217F
GRM4
www.schurter.com/pg06 Dimensions GRM4
49.5 33.9
Power entry modules with line filter
Length
48.3mm
26.0 13.4 L
12.5
6.5
8.4
PE N
1.7
R5
4.5
2.2 31.7
S 0.05 min.8 *) E
5
24
45.2
E = 31.7 mm with fuseholder E = 26.25 mm without fuseholder *) Min. space to remove the fuseholder cover
Technical Data of Filter-Components
Rated Current [A] 0.5 1 3 6 10 0.5 1 3 6 10 Filter-Type Standard Version Standard Version Standard Version Standard Version Standard Version Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Inductances L [mH] 2 x 24 2 x 12 Capacitance CX [nF] 100 100 100 100 100 100 100 100 100 100
Capacitance CY [nF] 2.2 2.2 2.2 2.2 2.2 -
2 x 0.78
2 x 0.225 2 x 24 2 x 12
2 x 0.78
2 x 0.225
Dimensions Step 1
Place the socket in top edge of the panel cut-out.
PH
Release the socket. The component is self adjusting.
Step 4
AS
Step 2
Push the socket upwards.
E2 x 2.5 1 1 1 1 1 2 x 2.5
EMC products
OU
7 0.1 6.9 0.1 8.6
2
R [M] -
Step 3
Push the socket forward into the panel cut-out.
T
PE 34.2 0.05 40.9 4.5
+0.1 0
42.3
38.4
30.4
45.4
3.9
R1
Power entry modules with line filter www.schurter.com/pg06
GRM4
GRM4 Medical version
Diagrams Voltage selector
GRM4 Standard version
1) Line 2) Load
1) Line 2) Load
2-pole
Admissible power acceptance in Watt per Pole
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 20 40 60 80 I = 1.0 In I = 0.7 In I = << In
2.0
1.5 I = 1.0 In 1.0 I = 0.7 In I = < < In 0.5
0.0 0 20 40 60 80 100
Ambient air temperature Ta C
Ambient air temperature Ta C
Attenuation Loss 0.5 A
Standardversion
1A
10 A
Medicalversion(M5)
0.5 A
AS
1A
E3A 6A
PH
10 A
EMC products
OU
100
Derating Curves 1-pole
Admissible power acceptance in Watt
3A
T
----differentialmode_____commonmode
6A
GRM4
www.schurter.com/pg06 Variants
Basicversion: -Markingofthevoltageselector115/230 -withhousingandcoverontherear-side
Rated Current [A] 6 0.5 0.5 1 1 3 3 6 6 10 10 0.5 0.5 1 1 3 3 6 6 10 10 0.5 0.5 1 1 3 3 6 6 10 10 0.5 0.5 1 1 3 3 6 6 10 10 Filter-Type Standard Version Standard Version Standard Version Standard Version Standard Version Standard Version Standard Version Standard Version Standard Version Standard Version Standard Version Standard Version Standard Version Standard Version Standard Version Standard Version Standard Version Standard Version Standard Version Standard Version Standard Version Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Fuseholder 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole Line Switch 1 pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l
Power entry modules with line filter
Distributor-Stock-Check|SCHURTER-Stock-Check|e-Store
Voltage selector l
Order Number GRM4.4401.013 GRM4.4102.013 GRM4.4102.123 GRM4.4202.013 GRM4.4202.123 GRM4.4302.013 GRM4.4302.123 GRM4.4402.013 GRM4.4402.123 GRM4.4502.013 GRM4.4502.123 GRM4.4122.013 GRM4.4122.123 GRM4.4222.013 GRM4.4222.123 GRM4.4322.013 GRM4.4322.123 GRM4.4422.013 GRM4.4422.123 GRM4.4522.013 GRM4.4522.123 GRM4.5102.013 GRM4.5102.123 GRM4.5202.013 GRM4.5202.123 GRM4.5302.013 GRM4.5302.123 GRM4.5402.013 GRM4.5402.123 GRM4.5502.013 GRM4.5502.123 GRM4.5122.013 GRM4.5122.123 GRM4.5222.013 GRM4.5222.123 GRM4.5322.013 GRM4.5322.123 GRM4.5422.013 GRM4.5422.123 GRM4.5522.013 GRM4.5522.123
PH
Packaging unit
120Pcs 4
AS
2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole
E-
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon EMC products currentinformation.Allcontentissubjecttomodificationsanamendments.
OU
T


▲Up To Search▲   

 
Price & Availability of GRM4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X